Part Number Hot Search : 
7CC547D MH383D MMBT5179 BPX35 2905A TIP31 MAX4365 A1220
Product Description
Full Text Search
 

To Download ZMC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Sensor
ZMC10
package : modified DIL-14 1, 2, 7: not connected 3: +VO 4: -VB 5: -VO 6: +VB 8, 9, 10: current output 11, 12, 13: current input VO - output voltage VB - supply voltage
FEATURES * Package : mod. DIL-14 * A magnetic sensor chip (employing the magnetoresistive effect of thin film permalloy) measures the magnetic field generated by an internal currentcarrying conductor * measurable direct or alternating current IM up to 10A * supply voltage 12 V * no auxiliary field HX required * it's possible to overload the conductor (between pin's 8,9,10 and 11,12,13) with 300A for 10 ms at Tamb = 25 C
Page 16
ZMC 10
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Isolation voltage Measurable current Operating temperature range Storage temperature range Symbol VB VISOL IM Tamb Tstg 12 2 10 -40 to +120 -65 to +120 Unit V kV A C C
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C unless otherwise stated) Parameter Bridge resistance Offset voltage Open circuit sensitivity Resistance of the conductor Operating frequency Temperature coefficient of open circuit sensitivity Symbol Min. Typ. Max. Rbr VOff S R fmax TC 1.2 1.7 0.5 0.7 2.2 2 100 -0.3 Unit k mV/V (mV/V)/A m kHz %/K Test conditions
Devices are identified by type on the body of the device
ZMC10 ..... ZMC10
Ordering information:
ZMC10 ........... in boxes (10 components per box)
Page 17


▲Up To Search▲   

 
Price & Availability of ZMC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X